Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 3Page - STMicroelectronics L5988D Datasheet HTML 4Page - STMicroelectronics L5988D Datasheet HTML 5Page - STMicroelectronics L5988D Datasheet HTML 6Page - STMicroelectronics L5988D Datasheet HTML 7Page - STMicroelectronics L5988D Datasheet HTML 8Page - STMicroelectronics L5988D Datasheet HTML 9Page - STMicroelectronics L5988D Datasheet HTML 10Page - STMicroelectronics L5988D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
DocID15324 Rev 4
7/52
L5988D
Pin function
52
2
Pin function
Figure 2. Pin connection
Table 1. Pinout description
No.
Name
Description
1, 16
OUT
Regulator output
2, 3
VIN
Unregulated DC input voltage
4
VCC
Unregulated DC signal input voltage
5
SS/INH
An external logic signal (active LOW) disables the device. In case the pin
is floating the device deliver a constant current (22
A typ.) to charge the
soft-start capacitor (see Section 5.4 on page 18)
6
COMP
Error amplifier output for frequency compensation
7
ILIM-ADJ
Connecting a pull-up resistor to VREF or a pull-down resistor to GND the
internal current limit thresholds can be tuned to match the local application.
In case the pin is left floating no changes are applied to the default current
limit thresholds
8FB
Feedback input. Connecting the output voltage directly to this pin results in
a regulation voltage of 600 mV. An external resistive divider is required for
higher output voltages
9
SYNCH
Master/slave synchronization
10
FSW
Connecting a pull-up resistor to VREF or a pull-down resistor to GND the
internal oscillator frequency will be increased or decreased respectively. In
case the pin is left floating the predefined oscillator frequency
(400 kHz ± 10%) is active
11
U/O/S
Multifunction pin used to program additional features: UVLO thresholds,
OVP latched/not latched, SINK enabled/disabled
12
VREF
1.8 V voltage reference
13
SGND
Signal ground
14, 15
PGND
Power ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com