Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 14 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 10Page - STMicroelectronics L5988D Datasheet HTML 11Page - STMicroelectronics L5988D Datasheet HTML 12Page - STMicroelectronics L5988D Datasheet HTML 13Page - STMicroelectronics L5988D Datasheet HTML 14Page - STMicroelectronics L5988D Datasheet HTML 15Page - STMicroelectronics L5988D Datasheet HTML 16Page - STMicroelectronics L5988D Datasheet HTML 17Page - STMicroelectronics L5988D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Functional description
L5988D
14/52
DocID15324 Rev 4
The circuitry related to the UOS multifunction pin is composed of a 3 bit A/D converter and
the decoding logic. Table 6 shows the internal thresholds of each voltage window
composing the VREF magnitude. The voltage biasing of the multifunction can be set
accordingly to table Table 7.
Table 6. A/D voltage windows
UVLO
OVP
SINK
12 V BUS
LATCH
SINK
12 V BUS
LATCH
NO SINK
12 V BUS
NO LATCH
SINK
12 V BUS
NO LATCH
NO SINK
3.3 V BUS
LATCH
SINK
3.3 V BUS
LATCH
NO SINK
3.3 V BUS
NO LATCH
SINK
3.3 V BUS
NO LATCH
NO SINK
Table 7. UOS voltage biasing
R1 (k
)R2 (k)VOUS (V)
UVLO
OVP
SINK
0
N.C.
1.8
12 V BUS
LATCH
SINK
0.68
2.7
1.438
12 V BUS
LATCH
NO SINK
1.2
2.7
1.246
12 V BUS
NO LATCH
SINK
2
2.7
1.034
12 V BUS
NO LATCH
NO SINK
3.3
2.7
0.810
3.3 V BUS
LATCH
SINK
6.2
2.7
0.546
3.3 V BUS
LATCH
NO SINK
11
2.7
0.355
3.3 V BUS
NO LATCH
SINK
N.C.
0
0
3.3 V BUS
NO LATCH
NO SINK
1.8 V
1.575 V
1.35 V
1.125 V
0.9 V
0.675 V
0.45 V
0.225 V
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com