Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 22 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 18Page - STMicroelectronics L5988D Datasheet HTML 19Page - STMicroelectronics L5988D Datasheet HTML 20Page - STMicroelectronics L5988D Datasheet HTML 21Page - STMicroelectronics L5988D Datasheet HTML 22Page - STMicroelectronics L5988D Datasheet HTML 23Page - STMicroelectronics L5988D Datasheet HTML 24Page - STMicroelectronics L5988D Datasheet HTML 25Page - STMicroelectronics L5988D Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Functional description
L5988D
22/52
DocID15324 Rev 4
The typical active thresholds in case of ILIM-ADJ pin left floating are IPEAK_TH = 4.0 A,
IVALLEY_TH = 4.7 A. The dimensioning of the pull up resistor versus VREF to decrease the
peak (and valley) thresholds follows the formula:
Equation 8
In the same way the pull down resistor is selected using the following formula to increase
the maximum current thresholds:
Equation 9
Figure 11. Constant current protection at extreme duty cycles
R9

1.2
·
10
5
4.0 IPEAK_TH
–
-------------------------------------
=
R3

2.706
·
10
5
IPEAK_TH 4.0
–
-------------------------------------
=
Valley current limit
skipped switching pulses
Constant current protection
during soft start time
soft start time
ZOOM
HICCUP protection
Is triggered at the
end of the SS time
Valley current limit
skipped switching pulses
Constant current protection
during soft start time
soft start time
ZOOM
HICCUP protection
Is triggered at the
end of the SS time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com