Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 27 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 23Page - STMicroelectronics L5988D Datasheet HTML 24Page - STMicroelectronics L5988D Datasheet HTML 25Page - STMicroelectronics L5988D Datasheet HTML 26Page - STMicroelectronics L5988D Datasheet HTML 27Page - STMicroelectronics L5988D Datasheet HTML 28Page - STMicroelectronics L5988D Datasheet HTML 29Page - STMicroelectronics L5988D Datasheet HTML 30Page - STMicroelectronics L5988D Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
DocID15324 Rev 4
27/52
L5988D
Application information
52
In Table 12 some inductor part numbers are listed.
6.3
Output capacitor selection
The current in the capacitor has a triangular waveform (with zero average value) which
generates a voltage ripple across it. This ripple is due to the capacitive component and the
resistive component (ESR). So the output capacitor has to be selected in order to have
a voltage ripple compliant with the application requirements.
The amount of the voltage ripple can be calculated starting from the current ripple obtained
by the inductor selection.
Equation 19
Usually the resistive component of the ripple is much higher than the capacitive one, if the
output capacitor adopted is not a multi layer ceramic capacitor (MLCC) with very low ESR
value.
The output capacitor is important also for loop stability: it fixes the double LC filter pole and
the zero due to its ESR. In Section 6.4, it will be illustrated how to consider its effect in the
system stability.
For example with VOUT = 3.3 V, VIN = 12 V, IL = 0.6 A (resulting by the inductor value), in
order to have a
VOUT = 0.01·VOUT, if the multi layer capacitor are adopted, 10 µF are
needed and the ESR effect on the output voltage ripple can be neglected. In case of not
negligible ESR (electrolytic or tantalum capacitors), the capacitor is chosen taking into
account its ESR value. So 100 µF with ESR = 40 m
is compliant with the requested output
voltage ripple
The output capacitor is also important to sustain the output voltage when a load transient
with high slew rate is required by the load. When the load transient slew rate exceeds the
system bandwidth the output capacitor provides the current to the load. So if the high slew
rate load transient is required by the application the output capacitor and system bandwidth
Table 12. Inductors
Manufacturer
Series
Inductor value (
H)
Saturation current (A)
Coilcraft
XPL7030
2.2 to 4.7
6.8 to 10.5
MSS1048
2.2 to 6.8
4.14 to 6.62
MSS1260
10
5.5
Wurth
WE-HC/HCA
3.3 to 4.7
7 to 11
WE-TPC type XLH
3.6 to 6.2
4.5 to 6.4
WE-PD type L
10
5.6
Coiltronics
DR74
3.3 to 4.7
4.3 to 5.4
DR125
10
5.3
BI
HM78-60
4.7 to 10
5.4 to 6.8
SUMIDA
HM78-60
4.7 to 10
5.4 to 6.8
V
OUT
ESR
I
MAX
I
MAX
8COUT fSW

-------------------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com