Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 23 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 19Page - STMicroelectronics L5988D Datasheet HTML 20Page - STMicroelectronics L5988D Datasheet HTML 21Page - STMicroelectronics L5988D Datasheet HTML 22Page - STMicroelectronics L5988D Datasheet HTML 23Page - STMicroelectronics L5988D Datasheet HTML 24Page - STMicroelectronics L5988D Datasheet HTML 25Page - STMicroelectronics L5988D Datasheet HTML 26Page - STMicroelectronics L5988D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
DocID15324 Rev 4
23/52
L5988D
Functional description
52
Table 9 shows some resistor values to adjust the current limits
Table 9. ILIM-ADJ resistor examples
5.5.3
UVLO
The under-voltage-lockout (UVLO) is adjustable by the multifunction pin (see Section 5.1 on
page 13). It is possible to set two different thresholds:
2.9 V for 3.3 V BUS
8 V for 12 V BUS
5.5.4
Thermal shutdown
When the junction temperature reaches 150 °C the device enters in thermal shutdown. Both
MOSFETs are turned off and the soft-start capacitor is discharged with a current of 22 µA.
The device doesn’t restart until the junction temperature goes down to 120 °C.
5.6
Minimum on time
The L5988D is based on a voltage mode control loop. The advantage of this technique is
the very short conduction time of the power elements thanks to the proper functioning of the
control loop without a current sense (that is challenging with low conduction times), which
instead is required in current mode regulators. The optimized architecture, the design
solutions and the high performance fabrication technique allow power elements to achieve
extremely short conduction times. This allows very high switching frequency operation even
in very low duty cycle applications. Figure 12 shows how the L5988D can easily manage
a minimum conduction time of 200ns. Moreover, thanks to the embedded P-MOS used for
the high-side, no bootstrap capacitor is required. This means that the device is able to
manage a duty cycle of 100%.
R9(k
)ILIM PEAK(A)
ILIM VALLEY(A)
R3(k
)ILIM PEAK(A)
ILIM VALLEY(A)
43
1.24
1.62
1500
4.2
4.75
47
1.47
1.87
750
4.38
4.95
56
1.88
2.31
470
4.6
5.18
68
2.26
2.71
330
4.8
5.42
91
2.71
3.18
270
5.0
5.62
120
3.03
3.52
220
5.20
5.82
200
3.43
3.94
180
5.50
6.12
560
3.81
4.35
160
5.70
6.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com