Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 19 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 15Page - STMicroelectronics L5988D Datasheet HTML 16Page - STMicroelectronics L5988D Datasheet HTML 17Page - STMicroelectronics L5988D Datasheet HTML 18Page - STMicroelectronics L5988D Datasheet HTML 19Page - STMicroelectronics L5988D Datasheet HTML 20Page - STMicroelectronics L5988D Datasheet HTML 21Page - STMicroelectronics L5988D Datasheet HTML 22Page - STMicroelectronics L5988D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
DocID15324 Rev 4
19/52
L5988D
Functional description
52
Considering ISS2/ISS1 = 22/5 = 4.4, the proper soft-start capacitor is simply calculated as
follows:
Equation 6
During the soft-start phase (VSS < 2.9 V):
the sink capability is always disabled (independently from the multifunction pin settings)
to be compatible with pre-biased output voltage
in case the overcurrent limit is detected, a constant current protection is provided in
order to deliver extra current for charging the output capacitor (see Section 5.5.2 for
description of current protection management).
During normal operation the CSS is discharged with a constant current of 22 A (typ.) only if:
HICCUP mode is triggered (see Section 5.5.2)
the input voltage goes below the UVLO threshold (see Section 5.5.3)
the internal temperature is over 150°C (see Section 5.5.4)
A new SS cycle will start when the VSS drops below the INH threshold.
New high performance ICs often require more than one supply voltage. Most of these
applications require well defined start-up sequencing, in order to avoid potential damage
and latch-up of the processing core. Sharing the same soft-start capacitor for a set of
regulators, the output voltages increase with the same slew rate implementing
a “simultaneous start-up” sequencing method.
5.5
Monitoring and protections
5.5.1
Overvoltage
The device provides the overvoltage protection monitoring the output voltage through the
FB pin. If the voltage sensed on FB pin reaches a value 20% (typ.) greater than the
reference of the error amplifier, the low-side MOSFET is turned on to discharge as fast as
possible the output capacitor. It is possible to set two different behaviors in case of OVP:
In case the OVP latched mode is active (see Section 5.1 on page 13), the internal
oscillator is suspended and the low side switch will be kept on until the input voltage
goes below the selected UVLO threshold or the SS/INH pin is forced below the INH
threshold.
In case of NOT latched OVP mode is active, the low side MOS is forced ON until the
feedback voltage is higher than the OVP threshold (20% greater than the reference of
the error amplifier).
CnF

Tss mS
 3.5
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com