Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 18 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 14Page - STMicroelectronics L5988D Datasheet HTML 15Page - STMicroelectronics L5988D Datasheet HTML 16Page - STMicroelectronics L5988D Datasheet HTML 17Page - STMicroelectronics L5988D Datasheet HTML 18Page - STMicroelectronics L5988D Datasheet HTML 19Page - STMicroelectronics L5988D Datasheet HTML 20Page - STMicroelectronics L5988D Datasheet HTML 21Page - STMicroelectronics L5988D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Functional description
L5988D
18/52
DocID15324 Rev 4
Figure 8. Input RMS current of two synchronized regulators
5.3
External voltage reference
An external 1.8 V regulated voltage is provided. This reference is useful to set the voltage at
the multifunction pin (see Section 5.1 on page 13) or to source current to ILIM-ADJ and
FSW pins (seeSection 5.2 and Section 5.5.2). The typical current capability is 4 mA.
5.4
Soft-start
When VCC is above the selected UVLO threshold the start-up phase takes place. At start-
up, a voltage ramp is generated charging the external capacitor CSS with an internal current
generator. The device is in inhibit mode as long as SS/INH pin is below the INH threshold.
The L5988D implements the soft-start phase by clamping the output of the error amplifier
and, being based on a voltage mode control, the duty cycle. In fact the comparison between
the output of the error amplifier and the internal saw tooth waveform generates the duty
cycle needed to keep the output voltage in regulation.
Two different current sources charge the external capacitor depending on the pin voltage in
order to reduce the power consumption in INH mode.
Equation 4
The equation for the soft-start time is:
Equation 5
ISS
ISS1 5
=
A
0 VSS/INH 1

ISS2 2
= 2
A
1 VSS/INH 2.9

=
TSS
T1
T2
+
CSS
ISS1
-----------
10
–

CSS
ISS2
-----------
2.9 1
–

+
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com