Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 5Page - STMicroelectronics L5988D Datasheet HTML 6Page - STMicroelectronics L5988D Datasheet HTML 7Page - STMicroelectronics L5988D Datasheet HTML 8Page - STMicroelectronics L5988D Datasheet HTML 9Page - STMicroelectronics L5988D Datasheet HTML 10Page - STMicroelectronics L5988D Datasheet HTML 11Page - STMicroelectronics L5988D Datasheet HTML 12Page - STMicroelectronics L5988D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
DocID15324 Rev 4
9/52
L5988D
Electrical characteristics
52
4
Electrical characteristics
VCC = 12 V, TJ = 25 °C unless otherwise specified.
Table 5. Electrical characteristic
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCC
Operating input voltage range
Vout = 0.6 V; Iout = 3 A
2.9
18
V
RDS(on) HS High side MOSFET on resistance Iout = 1.0 A
75
85
95
m
(1)
111
120
132
m
RDS(on) LS Low side MOSFET on resistance Iout = 1.0 A
62
67
72
m
(1)
92
100
106
m
IL HIGH SIDE Maximum peak limiting current
ILIM-ADJ = float
3.6
4
4.4
A
IL LOW SIDE Maximum valley limiting current
ILIM-ADJ = float
4.14
4.6
5.06
A
fSW
Switching frequency
FSW = floating
360
400
440
kHz
fSW ADJ
adjusted switching frequency
RFSW PULL DWN = 27 k
1000
kHz
D
Duty cycle
0
100
%
Selectable under voltage lockout (UVLO)
3.3 V BUS
Turn ON Vcc threshold
2.7
2.8
V
Turn OFF Vcc threshold
2.4
2.5
V
Hysteresis
200
mV
12 V BUS
Turn ON Vcc threshold
8
8.6
V
Turn OFF Vcc threshold
6.8
7
V
Hysteresis
1
V
DC characteristic
ISS
Soft-start current
VSS/INH = 2 V
22
A
VSS/INH = 0
5
A
INH
Device ON level
0.8
V
Device OFF level
0.3
V
Iq
Quiescent current
Duty cycle = 0; VFB = 1 V
3
mA
Iq st-by
Total stand-by quiescent current
35
A
Dynamic characteristic (see Figure 1 on page 1)
VFB
Voltage feedback in regulation
2.9 V < VCC < 18 V
0.595
0.6
0.605
V
(1)
0.592
0.6
0.609
Error amplifier
VOH
High level output voltage
VFB = 0.2 V; SS floating
3.1
V
VOL
Low level output voltage
VFB = 1.0 V
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com