Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 37 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 33Page - STMicroelectronics L5988D Datasheet HTML 34Page - STMicroelectronics L5988D Datasheet HTML 35Page - STMicroelectronics L5988D Datasheet HTML 36Page - STMicroelectronics L5988D Datasheet HTML 37Page - STMicroelectronics L5988D Datasheet HTML 38Page - STMicroelectronics L5988D Datasheet HTML 39Page - STMicroelectronics L5988D Datasheet HTML 40Page - STMicroelectronics L5988D Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
DocID15324 Rev 4
37/52
L5988D
Application information
52
Figure 19. Maximum continuous output current vs. duty cycle
6.6
Thermal considerations
The thermal design is important to prevent the thermal shutdown of the device if the junction
temperature goes above 150 °C. The three different sources of losses within the device are:
a)
conduction losses due to the not negligible RDSON of the power switch; these are
equal to:
Equation 43
Where D is the duty cycle of the application. Note that the duty cycle is theoretically given by
the ratio between VOUT an VIN, but actually it is quite higher to compensate the losses of the
regulator. So the conduction losses increases compared with the ideal case.
b)
switching losses due to power MOSFET turn ON and OFF; these can be
calculated as:
Equation 44
Where TRISE and TFALL represent the switching times of the power element that cause the
switching losses when driving an inductive load (see Figure 20). TSW is the equivalent
switching time.
PON
RDSON_HS IOUT

2 DR
DSON_LS
IOUT

2
1D
–


+

=
PSW
VIN IOUT
TRISE TFALL
+

2
------------------------------------------- Fsw

VIN IOUT TSW FSW

==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com