Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 5 Page - STMicroelectronics

  L5988D Datasheet HTML 1Page - STMicroelectronics L5988D Datasheet HTML 2Page - STMicroelectronics L5988D Datasheet HTML 3Page - STMicroelectronics L5988D Datasheet HTML 4Page - STMicroelectronics L5988D Datasheet HTML 5Page - STMicroelectronics L5988D Datasheet HTML 6Page - STMicroelectronics L5988D Datasheet HTML 7Page - STMicroelectronics L5988D Datasheet HTML 8Page - STMicroelectronics L5988D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
DocID15324 Rev 4
5/52
L5988D
List of figures
52
List of figures
Figure 1.
Test application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Pin connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
Voltage mode control loop . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 4.
Internal block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 5.
Oscillator circuit block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 6.
Sawtooth: voltage feed forward . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 7.
Sawtooth: synchronization and frequency adjust . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 8.
Input RMS current of two synchronized regulators . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 9.
OVP not latched . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 10.
OVP latched . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 11.
Constant current protection at extreme duty cycles . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 12.
Minimum TON. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 13.
Type III compensation network. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 14.
Open loop gain: module bode diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 15.
Open loop gain bode diagram with ceramic output capacitor . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 16.
Type II compensation network . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 17.
Open loop gain: module bode diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 18.
Open loop gain bode diagram with high ESR output capacitor . . . . . . . . . . . . . . . . . . . . . 35
Figure 19.
Maximum continuous output current vs. duty cycle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 20.
Switching losses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 21.
Estimation of the internal power losses (VIN = 12 V, VOUT = 1.2 V, fSW = 400 kHz). . . . . . 39
Figure 22.
Estimation of the internal power losses (VIN = 5 V, VOUT = 1.2 V, fSW = 400 kHz). . . . . . . 40
Figure 23.
Measurement of the thermal impedance of the evaluation board. . . . . . . . . . . . . . . . . . . . 41
Figure 24.
Top board layout. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Figure 25.
Bottom board layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 26.
Demonstration board application circuit (fSW = 400 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 27.
Demonstration board application circuit (fSW = 600 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 28.
Junction temperature vs. fSW at VIN = 12 V, VOUT = 3.3 V . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 29.
Junction temperature vs. fSW at VIN = 5 V, VOUT = 3.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 30.
Junction temperature vs. fSW at VIN = 3.3 V, VOUT = 1.2 V . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 31.
Junction temperature vs. VOUT at VIN = 12 V, fSW = 400 kHz . . . . . . . . . . . . . . . . . . . . . . 46
Figure 32.
Junction temperature vs. VOUT at VIN = 5 V, fSW = 400 kHz . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 33.
Junction temperature vs. VOUT at VIN = 3.3 V, fSW = 400 kHz . . . . . . . . . . . . . . . . . . . . . . 47
Figure 34.
Efficiency vs. output current at VIN = 3.3 V, fSW = 400 kHz . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 35.
Efficiency vs. output current at VIN = 5 V, fSW = 250 kHz. . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 36.
Efficiency vs. output current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Figure 37.
Load regulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Figure 38.
Line regulation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Figure 39.
Load transient from 0 to 3 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Figure 40.
Soft-start . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Figure 41.
HTSSOP16 package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com