Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 47 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 43Page - STMicroelectronics L5988D Datasheet HTML 44Page - STMicroelectronics L5988D Datasheet HTML 45Page - STMicroelectronics L5988D Datasheet HTML 46Page - STMicroelectronics L5988D Datasheet HTML 47Page - STMicroelectronics L5988D Datasheet HTML 48Page - STMicroelectronics L5988D Datasheet HTML 49Page - STMicroelectronics L5988D Datasheet HTML 50Page - STMicroelectronics L5988D Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
DocID15324 Rev 4
47/52
L5988D
Typical characteristics
52
Figure 32. Junction temperature vs. VOUT
at VIN = 5 V, fSW = 400 kHz
Figure 33. Junction temperature vs. VOUT
at VIN = 3.3 V, fSW = 400 kHz
Figure 34. Efficiency vs. output current
at VIN = 3.3 V, fSW = 400 kHz
Figure 35. Efficiency vs. output current
at VIN = 5 V, fSW = 250 kHz
VIN = 3.3v fSW = 400 kHz
63.00
68.00
73.00
78.00
83.00
88.00
93.00
98.00
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
I
LOAD (A)
VIN=3.3 VOUT=1.2 250 kHz
VIN=3.3 VOUT=1.5 250 kHz
VIN=3.3 VOUT=1.8 250 kHz
VIN=3.3 VOUT=2.5 250 kHz
VIN = 5v fSW = 250 kHz
65.00
70.00
75.00
80.00
85.00
90.00
95.00
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
I
LOAD (A)
VIN=5 VOUT=1.2 250 kHz
VIN=5 VOUT=1.5 250 kHz
VIN=5 VOUT=1.8 250 kHz
VIN=5 VOUT=2.5 250 kHz
VIN=5 VOUT=3.3 250 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com