Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 45 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 41Page - STMicroelectronics L5988D Datasheet HTML 42Page - STMicroelectronics L5988D Datasheet HTML 43Page - STMicroelectronics L5988D Datasheet HTML 44Page - STMicroelectronics L5988D Datasheet HTML 45Page - STMicroelectronics L5988D Datasheet HTML 46Page - STMicroelectronics L5988D Datasheet HTML 47Page - STMicroelectronics L5988D Datasheet HTML 48Page - STMicroelectronics L5988D Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
DocID15324 Rev 4
45/52
L5988D
Application information
52
Figure 27. Demonstration board application circuit (fSW = 600 kHz)
Table 15. Component list application circuit (fSW = 600 kHz)
Reference
Part number
Description
Manufacturer
C1
GRM32ER61E226KE15
Chip capacitor 22 µF 25 V
Murata
C10
GRM188R71E105KA12
Chip capacitor 1 µF 25 V
Murata
C2A
GRM32ER61C476KE15
Chip capacitor 47 µF 16 V
C8
Chip capacitor 2.2 µF
C3
Chip capacitor 330 nF
C5
Chip capacitor 22 nF
C6
Chip capacitor 1 nF
C7
Chip capacitor 10 nF
L1
744 311 330
Inductor 3.3 µH
Wurth elektronik
R1
Chip resistor 12 k
 ±1%
R2
Chip resistor 3.3 k
 ±1%
R3
Chip resistor 220 k
 ±1%
R4
Chip resistor 82 k
 ±1%
R5
Chip resistor 560
 ±1%
R6
Chip resistor 1.1 k
±1%
R7
Chip resistor 68
 ± 1%
R8
Chip resistor 4.99 k
 ±1%
R12
Chip resistor 5.6
 ±1%
U1
I.C. L5988D
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com