Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 41 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 37Page - STMicroelectronics L5988D Datasheet HTML 38Page - STMicroelectronics L5988D Datasheet HTML 39Page - STMicroelectronics L5988D Datasheet HTML 40Page - STMicroelectronics L5988D Datasheet HTML 41Page - STMicroelectronics L5988D Datasheet HTML 42Page - STMicroelectronics L5988D Datasheet HTML 43Page - STMicroelectronics L5988D Datasheet HTML 44Page - STMicroelectronics L5988D Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
DocID15324 Rev 4
41/52
L5988D
Application information
52
Figure 23. Measurement of the thermal impedance of the evaluation board
As it can be see, for example, for load pulses with duration of 1 second, the actual thermal
impedance is lower than 20
C/W. This means that, for short pulses, a current higher that
5 A (provided the current limitation is set correctly) can be managed.
6.7
Layout considerations
The PC board layout of switching DC/DC regulator is very important to minimize the noise
injected in high impedance nodes and interferences generated by the high switching current
loops. The L5988D is a monolithic device so most of the critical path are designed internally
minimizing the potential issues introduced by the board layout.
In the operation of a step down converter two high current loops become evident and
critical. The conduction of the high side switch highlight a current loop composed by the
input capacitor, the inductor and the output capacitor whilst during the conduction of the low
side switch the current flows from the power ground to the inductor and again the output
capacitor.
The first consideration is to keep the trace of the switching node as short as possible to
reduce radiated emission.
The bandwidth of the external power supply is limited if compared to the switching
frequency of the device so the power supply delivers a certain RMS current in the switching
period. As a consequence the input filter substains the input voltage during the conduction
time of the HS switch delivering an impulsive extra current equal to ILOAD + IRIPPLE - IIN RMS
and it is recharged during the conduction time of the low side by the external power supply.
The golden rule is to reduce as much as possible the stray inductance of the path related to
the capacitor and VINto reduce injected noise: the suggested layout (see Figure 24 and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com