Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 31 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 27Page - STMicroelectronics L5988D Datasheet HTML 28Page - STMicroelectronics L5988D Datasheet HTML 29Page - STMicroelectronics L5988D Datasheet HTML 30Page - STMicroelectronics L5988D Datasheet HTML 31Page - STMicroelectronics L5988D Datasheet HTML 32Page - STMicroelectronics L5988D Datasheet HTML 33Page - STMicroelectronics L5988D Datasheet HTML 34Page - STMicroelectronics L5988D Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
DocID15324 Rev 4
31/52
L5988D
Application information
52
The guidelines for positioning the poles and the zeroes and for calculating the component
values can be summarized as follow:
1.
Choose a value for R1, usually between 1 k and 5 k.
2.
Choose a gain (R5/R8) in order to have the required bandwidth (BW), that means:
Equation 29
where K is the feed forward constant and 1/K is equals to 18.
3.
Calculate C5 by placing the zero at 50% of the output filter double pole frequency (fLC):
Equation 30
4.
Calculate C6 by placing the second pole at four times the system bandwidth (BW):
Equation 31
5.
Set also the fist pole at four times the system bandwidth and also the second zero at
the output filter double pole:
Equation 32
The suggested maximum system bandwidth is equals to the switching frequency divided by
3.5 (FSW/3.5), anyway lower than 120 kHz if the FSW is set higher than 500kHz.
For example with VOUT = 1.2 V, VIN = 12 V, IO = 4 A, L = 4.7 H, COUT = 47 F, the type III
compensation network is:
Equation 33
R5
BW
fLC
----------
1
K
---- R8

=
C5
1
 R
5 fLC

---------------------------
=
C6
C5
2
 R
5 C5 4BW
1
–

--------------------------------------------------------------
=
R7
R8
4BW
fLC
----------------- 1
–
---------------------------
=
C7
1
2
 R
7 4BW
 
-----------------------------------------
=
R8 4.7k
=
R6 4.7k
=
R7 56
=
R5 1.2K
=
C7 10nF
=
C5 22nF
=
C6 1nF
=




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com