Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 28 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 24Page - STMicroelectronics L5988D Datasheet HTML 25Page - STMicroelectronics L5988D Datasheet HTML 26Page - STMicroelectronics L5988D Datasheet HTML 27Page - STMicroelectronics L5988D Datasheet HTML 28Page - STMicroelectronics L5988D Datasheet HTML 29Page - STMicroelectronics L5988D Datasheet HTML 30Page - STMicroelectronics L5988D Datasheet HTML 31Page - STMicroelectronics L5988D Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Application information
L5988D
28/52
DocID15324 Rev 4
have to be chosen in order to sustain load transient and to have a fast response to the
transient.
In Table 13 some capacitor series are listed.
6.4
Compensation network
The compensation network has to assure stability and good dynamic performance. The loop
of the L5988D is based on the voltage mode control. The error amplifier is a voltage
operational amplifier with high bandwidth. So selecting the compensation network the E/A
will be considered as ideal, that is, its bandwidth is much larger than the system one.
The transfer functions of PWM modulator and the output LC filter are studied. The transfer
function PWM modulator, from the error amplifier output (COMP pin) to the OUT pin, results:
Equation 20
where VS is the sawtooth amplitude and H represent its reliance on the switching frequency.
As seen in Section 5.2 on page 15, the voltage feed forward generates a sawtooth
amplitude directly proportional to the input voltage, that is:
Equation 21
The internal saw tooth is designed in order to have the maximum amplitude at the natural
switching frequency of the device.
At fSW0 = 400 kHz the PWM modulator can be written as:
Equation 22
The synchronization of the device with an external clock fed into the SYNCH pin and the
adjustment of the switching frequency through the FSW pin modify the gain of the internal
saw tooth (see Section 5.2 on page 15).
Table 13. Output capacitors
Manufacturer
Series
Cap value (
F)
Rated voltage (V)
ESR (m
)
MURATA
GRM32
22 to 100
6.3 to 25
< 5
GRM31
10 to 47
6.3 to 25
< 5
PANASONIC
ECJ
10 to 22
6.3
< 5
EEFCD
10 to 68
6.3
15 to 55
SANYO
TPA/B/C
100 to 470
4 to 16
40 to 80
TDK
C3225
22 to 100
6.3
< 5
GPW0 fSW0

VIN
Vs
--------- HfSW0

=
VS fSW0

KVIN HfSW0


=
GPW0 400 kHz

1
K
----
VIN
VS 400 kHz

----------------------------------
9
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com