Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 42 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 38Page - STMicroelectronics L5988D Datasheet HTML 39Page - STMicroelectronics L5988D Datasheet HTML 40Page - STMicroelectronics L5988D Datasheet HTML 41Page - STMicroelectronics L5988D Datasheet HTML 42Page - STMicroelectronics L5988D Datasheet HTML 43Page - STMicroelectronics L5988D Datasheet HTML 44Page - STMicroelectronics L5988D Datasheet HTML 45Page - STMicroelectronics L5988D Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
Application information
L5988D
42/52
DocID15324 Rev 4
Figure 25) solves this matter placing the input filter just above the package of the device to
minimize noise. This placement offers the best filtering for the device and minimize the
noise injected by the pulsing current path. The additional stray inductance introduced in the
path from the switching node and the external inductor is not critical for the operation of the
device.
The pin 4 of the L5988D supplies most of the analog circuitry and MOSFET drivers so an
RMS current of few mA flows in its trace. A decoupling path between the power and signal
input reduces the issues induced by the switching noise: an RC network is helpful to filter
the signal supply from the noise generated by the switching activity and it becomes effective
when its time constant is bigger than two or three switching cycles. The pin 4 supplies the
drivers of the embedded MOSFET so the R value has to be kept limited to avoid voltage
spikes during the operation of the embedded driver (the maximum value is in the order of
few ohms).
The inductor current flows from power GND to the output capacitor during the conduction
time of the LS switch: the power ground plane and the signal ground are kept partitioned in
the PCB layout to minimize the injected noise on the signal ground. They are connected
together below the ground of the output capacitor which is the less noisy power component.
The connection of the external resistor divider to the feedback pin (FB) is an high
impedance node, so the interferences can be minimized placing the routing of feedback
node as far as possible from the high current paths. To reduce the pick up noise the resistor
divider has to be placed very close to the device.
Thanks to the exposed pad of the device, the ground plane helps to reduce the thermal
resistance junction to ambient; so a large ground plane enhances the thermal performance
of the converter allowing high power conversion.
Figure 24. Top board layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com