Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 40 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 36Page - STMicroelectronics L5988D Datasheet HTML 37Page - STMicroelectronics L5988D Datasheet HTML 38Page - STMicroelectronics L5988D Datasheet HTML 39Page - STMicroelectronics L5988D Datasheet HTML 40Page - STMicroelectronics L5988D Datasheet HTML 41Page - STMicroelectronics L5988D Datasheet HTML 42Page - STMicroelectronics L5988D Datasheet HTML 43Page - STMicroelectronics L5988D Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
Application information
L5988D
40/52
DocID15324 Rev 4
Figure 22. Estimation of the internal power losses (VIN = 5 V, VOUT = 1.2 V,
fSW = 400 kHz)
In applications where the current to the output is pulsed, the thermal impedance should be
considered instead of the thermal resistance. Also, in these conditions, the current
limitations described in Section 6.5 on page 36 are no more valid since they are related to
continuous output current delivery.
The thermal impedance of the system could be much lower than the thermal resistance,
which is a static parameter. As a consequence the maximum power losses can be higher
than 2.5 W if a pulsed output power is requested from the load:
Equation 48
So, depending on the pulse duration and its frequency, the maximum output current (even
more than 5 A) can be delivered to the load.
The characterization of the thermal impedance is strictly dependent on the layout of the
board. In Figure 23. the measurement of the thermal impedance of the evaluation board of
the L5988D is provided.
PMAX t
T
ZTH t
-----------------
TJ MAX TAMB
–
ZTH t
--------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com