Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 17 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 13Page - STMicroelectronics L5988D Datasheet HTML 14Page - STMicroelectronics L5988D Datasheet HTML 15Page - STMicroelectronics L5988D Datasheet HTML 16Page - STMicroelectronics L5988D Datasheet HTML 17Page - STMicroelectronics L5988D Datasheet HTML 18Page - STMicroelectronics L5988D Datasheet HTML 19Page - STMicroelectronics L5988D Datasheet HTML 20Page - STMicroelectronics L5988D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
DocID15324 Rev 4
17/52
L5988D
Functional description
52
Beating frequency noise is an issue when more than one voltage rail is on the same board.
A simple way to avoid this problem is to operate all the regulators at the same switching
frequency. The synchronization feature of a set of L5988D is simply get connecting together
their SYNCH pin. The device with highest switching frequency will be the MASTER and
provides the synchronization signal to the others. Therefore the SYNCH is a I/O pin to
deliver or recognize a frequency signal.
In order to minimize the RMS current flowing through the input filter, the L5988D provides a
phase shift of 180° between the master and the SLAVES. In cases where more than two
devices are synchronized, all slaves will have a common 180° phase shift with respect to
the master.
In case the synchronized set shares a switching frequency different to the nominal 400 kHz,
it is suggested to provide the proper FSW resistor to each device. In this way all the devices
will have a common peak amplitude of the internal sawtooth signal so the same oscillator
gain in the open loop gain transfer function. In this way the same compensation network is
valid for all the devices.
Taking in account the case of two synchronized L5988D regulating the same output voltage,
the RMS current in the input filter will be optimized and will observe the following formula:
Equation 3
Multiple regulators can be also synchronized to an external frequency signal fed to the
SYNCH pin. In this case the set is phased to the reference and all the devices will work with
0° phase shift.
The graphical representation of the input RMS current of the input filter in the case of two
devices with 0° phase shift (synchronized to an external signal) or 180° phase shift
(synchronized connecting their SYNCH pins) regulating the same output voltage is provided
in Figure 8. To dimension the proper input capacitor please refer to Section 6.1 on page 25.
IRMS
IOUT
2
------------
2D
1 2D
–

if D < 0.5
IOUT
2
------------
2D 1
–
 22D
–

if D > 0.5
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com