Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 35 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 31Page - STMicroelectronics L5988D Datasheet HTML 32Page - STMicroelectronics L5988D Datasheet HTML 33Page - STMicroelectronics L5988D Datasheet HTML 34Page - STMicroelectronics L5988D Datasheet HTML 35Page - STMicroelectronics L5988D Datasheet HTML 36Page - STMicroelectronics L5988D Datasheet HTML 37Page - STMicroelectronics L5988D Datasheet HTML 38Page - STMicroelectronics L5988D Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
DocID15324 Rev 4
35/52
L5988D
Application information
52
In Figure 18 is shown the module and phase of the open loop gain. The bandwidth is about
42 kHz and the phase margin is 56°.
Figure 18. Open loop gain bode diagram with high ESR output capacitor
The response of the system to a load transition in terms of output voltage regulation is
affected not only by the designed compensation network but it also rely on the selection of
the power components (the inductor value, for example, limits the slew rate of the current).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com