Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 39 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 35Page - STMicroelectronics L5988D Datasheet HTML 36Page - STMicroelectronics L5988D Datasheet HTML 37Page - STMicroelectronics L5988D Datasheet HTML 38Page - STMicroelectronics L5988D Datasheet HTML 39Page - STMicroelectronics L5988D Datasheet HTML 40Page - STMicroelectronics L5988D Datasheet HTML 41Page - STMicroelectronics L5988D Datasheet HTML 42Page - STMicroelectronics L5988D Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
DocID15324 Rev 4
39/52
L5988D
Application information
52
If we suppose, as an example, TA = 40 C, 140 C is the maximum operating temperature
before triggering the thermal shutdown and RTH = 40 C/W so the maximum power loss
achievable with the thermal performance of the system will be:
Equation 47
The switching, conduction and quiescent losses in case of VIN = 12 V, VOUT = 1.2 V,
fSW = 400 kHz are plotted in Figure 21. The calculations are performed considering the
typical RDS(on) of the power element for a junction temperature of 125 C
(RDS_ON HS = 120 m, RDS_ON LS = 83 m; see Section 3: Maximum ratings on page 8 for
details).
Figure 21. Estimation of the internal power losses (VIN = 12 V, VOUT = 1.2 V,
fSW = 400 kHz)
The red trace represents the maximum power which can be taken away as calculated
above, whilst the purple trace is the total internal losses.
As a consequence, given these operating conditions, the system can manage a continuous
output current up to 4.2 A. The device could deliver a continuous output current up to 5 A to
the load (see Section 6.5), however the maximum power loss of 2.5 W is reached with an
output current of 4.2 A, so the maximum output power is derated.
The calculation of the internal power losses must be done for each specific operating
condition given by the final application.
For example, the result showed in Figure 21. is not valid in case the VIN is equal to 5 V
instead of 12 V: the lower contribution of the switching losses, which are proportional to the
input voltage, increases the maximum output current from 4.2 A to 4.5 A (see Figure 22.).
PMAX DC
T
RTH
-----------
TJ MAX TAMB
RTH
--------------------------------------
100
40
----------
2.5W
==
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com