Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5988D Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5988D
Description  Pre-bias start up capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5988D Datasheet HTML 7Page - STMicroelectronics L5988D Datasheet HTML 8Page - STMicroelectronics L5988D Datasheet HTML 9Page - STMicroelectronics L5988D Datasheet HTML 10Page - STMicroelectronics L5988D Datasheet HTML 11Page - STMicroelectronics L5988D Datasheet HTML 12Page - STMicroelectronics L5988D Datasheet HTML 13Page - STMicroelectronics L5988D Datasheet HTML 14Page - STMicroelectronics L5988D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
DocID15324 Rev 4
11/52
L5988D
Electrical characteristics
52
TH6
– UVLO 12 V bus
– OVP not latched
–Sink
(3)
1.16
1.31
V
TH7
– UVLO 12 V bus
– OVP latched
– No sink
(3)
1.385
1.525
V
TH8
– UVLO 12 V bus
– OVP latched
–Sink
(3)
1.615
VREF
V
1. Specification over the junction temperature range (TJ) of -40 to +125 °C are guaranteed by design, characterization and
statistical correlation.
2. Guaranteed by design.
3. VCC = 4 V.
Table 5. Electrical characteristic (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com