Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 1 Page - STMicroelectronics

  LED7708 Datasheet HTML 1Page - STMicroelectronics LED7708 Datasheet HTML 2Page - STMicroelectronics LED7708 Datasheet HTML 3Page - STMicroelectronics LED7708 Datasheet HTML 4Page - STMicroelectronics LED7708 Datasheet HTML 5Page - STMicroelectronics LED7708 Datasheet HTML 6Page - STMicroelectronics LED7708 Datasheet HTML 7Page - STMicroelectronics LED7708 Datasheet HTML 8Page - STMicroelectronics LED7708 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
This is information on a product in full production.
May 2012
Doc ID 022698 Rev 1
1/53
53
LED7708
16 channels x 85 mA LED driver with boost controller and 4-wire
serial interface
Datasheet —production data
Features
■ Boost controller section
– 3.6 V to 36 V input voltage range (LDO)
– Adaptive output voltage for high efficiency
– Internal +5 V LDO for gate driver supply
– Internal +3.3 V LDO for device supply
– High performance external MOSFET driver
– 250 kHz to 1 MHz switching frequency
– Programmable OV and OC protection
– Fixed frequency peak current-mode control
– External synchronization for multi-device
application
– Overtemperature alert and thermal
shutdown
■ LED array driver section
– 16 channels with 85 mA/ch current
capability
– ±2% channel current accuracy
– ±2% channel-to-channel current matching
– LED short-circuit and open channel fault
detection and management
– 4-wire, 30 MHz serial interface
– 16 x16-bit, 1x256-bit or 1x192-bit serial
data formats
– Grouped or independent channel PWM
control
– Selectable 12/16-bit grayscale brightness
control for local dimming
– Programmable internal dimming oscillator
– Programmable grayscale latency
– Master/slave chain configuration supported
Applications
■ TV and monitor backlight units for LCD panels
■ Medium and large size LCD panel backlights
■ RGB/RGGB backlight solutions
Description
The LED7708 has been specifically designed to
supply several LEDs starting from a single low-
voltage rail. It integrates a boost controller,
sixteen current generators and a 4-wire serial
interface. The boost controller regulates the
output voltage in an adaptive way, according to
the LED requirements, resulting in an improved
overall efficiency. All the current generators are
40 V-rated, allowing the LED7708 to drive several
LEDs in series on each channel. The channels
can be put in parallel for higher output current.
The brightness of the LEDs is controlled by using
the serial interface. A selectable 12-bit or 16-bit
grayscale brightness control allows independent
PWM on each channel. A programmable on-chip
dimming oscillator is provided for external circuitry
simplification. The device has dedicated pins to
lock to an external synchronization with other
devices (master or slave) for noise reduction in
multi-device applications. The LED7708
implements basic protection (OVP, OCP and
thermal shutdown) as well as LED array
protection. It can detect and manage open-LED
and shorted-LED faults and different fault-
management options are available in order to
cover most application needs.
Table 1.
Device summary
Order codes
Package
Packing
LED7708
VFQFPN-48 7x7
(exposed pad)
Tube
LED7708TR
Tape and
reel
www.st.com


Similar Part No. - LED7708

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED770-03AU ROITHNER-LED770-03AU Datasheet
66Kb / 1P
Infrared LED Lamp
logo
STMicroelectronics
LED7706 STMICROELECTRONICS-LED7706 Datasheet
623Kb / 31P
6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
08-Feb-2008
LED7706TR STMICROELECTRONICS-LED7706TR Datasheet
623Kb / 31P
6-rows 30 mA LEDs driver with boost regulator for LCD panels backlight
08-Feb-2008
LED7707 STMICROELECTRONICS-LED7707 Datasheet
1Mb / 48P
6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
18-Sep-2008
LED7707TR STMICROELECTRONICS-LED7707TR Datasheet
1Mb / 48P
6-rows 85 mA LEDs driver with boost regulator for LCD panels backlight
18-Sep-2008
More results

Similar Description - LED7708

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0881 ATMEL-ATR0881 Datasheet
160Kb / 6P
3-output Laser Driver with 5 Channels and Serial Interface
logo
Integrated Silicon Solu...
IS31FL3216 ISSI-IS31FL3216 Datasheet
437Kb / 16P
16 CHANNELS LED DRIVER
logo
Fairchild Semiconductor
FAN5345 FAIRCHILD-FAN5345 Datasheet
1Mb / 14P
Series Boost LED Driver with Single-Wire Digital Interface
logo
Rohm
BD7844AEFV-LB ROHM-BD7844AEFV-LB Datasheet
676Kb / 18P
16-Channel, 8-Bit PWM LED Driver with I2C Compatible and 2-wire Serial Interface
logo
STMicroelectronics
AN2810 STMICROELECTRONICS-AN2810 Datasheet
578Kb / 17P
6-row 85 mA LED driver with boost
26-May-2009
logo
Integrated Silicon Solu...
IS31FL3216-QFLS2-EB ISSI-IS31FL3216-QFLS2-EB Datasheet
386Kb / 17P
16 CHANNELS LED DRIVER
IS31FL3216-QFLS2-TR ISSI-IS31FL3216-QFLS2-TR Datasheet
386Kb / 17P
16 CHANNELS LED DRIVER
logo
Texas Instruments
TPS92390 TI-TPS92390 Datasheet
3Mb / 78P
TPS92390 Boost/SEPIC High Dimming Performance LED Driver with Four 200-mA Channels
TPS92391 TI-TPS92391 Datasheet
3Mb / 79P
TPS92391 Boost/SEPIC High Dimming Performance LED Driver with Six 200-mA Channels
logo
MY-SEMI INC.
MY9942 MY-SEMI-MY9942 Datasheet
2Mb / 27P
4 Channels Constant Current LED Driver With Addressable DMX512 Protocol and Differential Interface
June. 2011 Ver. 0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com