Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 36 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 32Page - STMicroelectronics LED7708 Datasheet HTML 33Page - STMicroelectronics LED7708 Datasheet HTML 34Page - STMicroelectronics LED7708 Datasheet HTML 35Page - STMicroelectronics LED7708 Datasheet HTML 36Page - STMicroelectronics LED7708 Datasheet HTML 37Page - STMicroelectronics LED7708 Datasheet HTML 38Page - STMicroelectronics LED7708 Datasheet HTML 39Page - STMicroelectronics LED7708 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
Recommended operating conditions
LED7708
36/53
Doc ID 022698 Rev 1
Warning:
In order to prevent damage to the device or to the external
circuitry, these bits are locked when the DEN bit of DEVCFG0
is asserted.
8.5.8
GSLAT register
The latency is used to insert a programmable delay at the beginning of each dimming period
to implement a certain amount of scanning. The scanning technique is basically a way to
improve the dynamic performance of an LCD panel by powering the backlight only when the
pixels are stable.
The GSLAT register is a write-only register and stores the 16 less significant bits of the
dimming period latency. The additional two most significant bits are located in the
DEVCFG1 register (LAT16 and LAT17 bits). Thanks to the 18-bit wide latency, the LED7708
is capable of supporting down to 20% of scanning waveform (see Section 8.6: Dimming
options for details).
Table 16.
Available LED short detection thresholds
DTS1
DTS0
LED short-circuit detection threshold
0
0
LED short detection disabled
0
1
LED short detection threshold fixed to 3.4 V
1
0
LED short detection threshold fixed to 6.8 V
1
1
LED short detection threshold fixed to 8.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com