Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 42 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 38Page - STMicroelectronics LED7708 Datasheet HTML 39Page - STMicroelectronics LED7708 Datasheet HTML 40Page - STMicroelectronics LED7708 Datasheet HTML 41Page - STMicroelectronics LED7708 Datasheet HTML 42Page - STMicroelectronics LED7708 Datasheet HTML 43Page - STMicroelectronics LED7708 Datasheet HTML 44Page - STMicroelectronics LED7708 Datasheet HTML 45Page - STMicroelectronics LED7708 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Recommended operating conditions
LED7708
42/53
Doc ID 022698 Rev 1
8.6.3
Grayscale synchronization
Grayscale sync (GSSY) used as synchronization output
When the DSYS bit of the DEVCFG1 register is set low, the GSSY pin of the LED7708 is set
as output. A 4xTGSC high level pulse is provided at the GSSY pin at the end of each
dimming cycle (latency followed by a dimming period).
Figure 15.
Dimming waveform and GSSY output pulse
Grayscale sync (GSSY) used as synchronization input
When the DSYS bit of the DEVCFG1 register is set high, the GSSY pin of the LED7708 is
set as input. This option can be used to lock the dimming cycles (latency followed by a
dimming period) to the vertical sync signal (VSYNC) coming from the video processor. The
minimum pulse duration is 2xTGSC. As soon as the GSSY signal goes high, the ongoing
dimming sequence is stopped and the grayscale counter is reset. A new dimming sequence
is triggered when the GSSY pin goes low.
Figure 16.
Dimming waveform triggered by GSSY input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com