Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 38 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 34Page - STMicroelectronics LED7708 Datasheet HTML 35Page - STMicroelectronics LED7708 Datasheet HTML 36Page - STMicroelectronics LED7708 Datasheet HTML 37Page - STMicroelectronics LED7708 Datasheet HTML 38Page - STMicroelectronics LED7708 Datasheet HTML 39Page - STMicroelectronics LED7708 Datasheet HTML 40Page - STMicroelectronics LED7708 Datasheet HTML 41Page - STMicroelectronics LED7708 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
Recommended operating conditions
LED7708
38/53
Doc ID 022698 Rev 1
If at least one bit of the CHSTA register is asserted after the error detection sequence, the
XFLT pin is tied low. Both the CHSTA register and the XFLT pin are reset by clearing the
DEN bit of DEVCFG0 or by performing a POR.
8.5.11
Internal registers initialization
The internal registers show the following configuration after a POR.
Table 18.
CHSTA register
Bit
Position
Attribute
Meaning
CHSTA0 to CHSTA15
0
Read only
0= The channel is working properly or is not
used (the corresponding CHSEL bit is cleared)
1= The channel is open or an LED short-circuit
has been detected during the error detection
sequence
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Table 19.
Default configuration of internal registers after POR
Register
Value (binary)
DEVCFG0
0000 0000 0000 0010
DEVCFG1
0000 0000 0100 0000
GSLAT
0000 0000 0000 0000
BRTxx
0000 0000 0000 0000
CHSEL
0000 0000 0000 0000
CHSTA
0000 0000 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com