Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 26 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 22Page - STMicroelectronics LED7708 Datasheet HTML 23Page - STMicroelectronics LED7708 Datasheet HTML 24Page - STMicroelectronics LED7708 Datasheet HTML 25Page - STMicroelectronics LED7708 Datasheet HTML 26Page - STMicroelectronics LED7708 Datasheet HTML 27Page - STMicroelectronics LED7708 Datasheet HTML 28Page - STMicroelectronics LED7708 Datasheet HTML 29Page - STMicroelectronics LED7708 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
Recommended operating conditions
LED7708
26/53
Doc ID 022698 Rev 1
Figure 6.
Effect of slope compensation on small inductor current perturbation
(D>0.5)
The SLOPE pin allows to properly set the amount of slope compensation connecting a
simple resistor RSLOPE between the SLOPE pin and the output. The compensation ramp
starts at 35% (typ.) of each switching period and its slope is given by the following equation:
Equation 7
where KS = 4.0 s
-1 and S
E is the slope ramp in [A/s].
To avoid sub-harmonic instability, the compensating slope should be at least half the slope
of the inductor current during the off-phase when the duty cycle is greater than 50%. The
value of RSLOPE can be calculated according to Equation 8.
Equation 8
8.3.4
External MOSFET control
The LED7708 employs an external MOSFET as the power switch for the boost converter.
The internal gate driver is capable of sourcing and sinking up to 1 A and it is supplied
through the VDR pin, internally connected to the +5 V LDO. A 1 µF decoupling capacitor,
connected between the VDR pin and PGND, is highly recommended. When an external +5
V supply is available, the whole device can be supplied by connecting both the VDR and VIN
pins to this rail.
S
E
K
S
R
SLOPE
---------------------
=
R
SLOPE
2K
s
LV
OUT
V
IN
–
0.7V
–
()
⋅⋅
⋅
V
OUT
V
IN
–
()
----------------------------------------------------------------------------------------
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com