Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 25 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 21Page - STMicroelectronics LED7708 Datasheet HTML 22Page - STMicroelectronics LED7708 Datasheet HTML 23Page - STMicroelectronics LED7708 Datasheet HTML 24Page - STMicroelectronics LED7708 Datasheet HTML 25Page - STMicroelectronics LED7708 Datasheet HTML 26Page - STMicroelectronics LED7708 Datasheet HTML 27Page - STMicroelectronics LED7708 Datasheet HTML 28Page - STMicroelectronics LED7708 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
LED7708
Recommended operating conditions
Doc ID 022698 Rev 1
25/53
In addition, when the FSW pin is tied to LDO3, the LED7708 uses a default 610 kHz fixed
switching frequency, allowing the saving of a resistor in minimum component-count
applications.
The FSW pin can also be used as synchronization input, allowing the LED7708 to operate
both as master or slave device. If a clock signal having a frequency within the capture range
is applied to this pin, the device locks synchronized. The minimum pulse width which allows
the synchronizing pulses to be detected is 270 ns (typ.). The SYNC pin is a synchronization
output and provides a 35% (typ.) duty cycle clock when the LED7708 is set as master or a
replica of the FSW pin when it is set as slave. It is used to connect multiple devices in a
daisy chain configuration or to synchronize other switching converters running in the system
with the LED7708. When an external synchronization clock is applied to the FSW pin, the
internal oscillator is overdriven and the external power MOSFET is ignited on the rising edge
of the synchronization signal while the slope compensation ramp starts on the falling edge
of the same signal. For this reason, the duty cycle of the external synchronization clock
should be 30% to 40% to prevent sub-harmonic instability when the boost converter is
working in continuous-conduction mode (CCM).
8.3.3
Slope compensation
The constant frequency, peak current-mode topology has the advantage of very easy loop
compensation with output ceramic caps (reduced cost and size of the application) and fast
transient response. In addition, the intrinsic peak current measurement simplifies the current
limit protection, avoiding undesired saturation of the inductor. On the other side, this
topology has a drawback: there is inherent open loop instability when operating with a duty
cycle greater than 0.5. This phenomenon is known as “sub-harmonic instability” and can be
avoided by adding an external ramp to the one coming from the sensed current. This
compensating technique, based on the additional ramp, is called “slope compensation”. As
seen in Figure 6, when the switching duty cycle is higher than 0.5, the small perturbation
ΔIL
dies away in subsequent cycles thanks to the slope compensation and the system reverts to
a stable situation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com