Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 40 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 36Page - STMicroelectronics LED7708 Datasheet HTML 37Page - STMicroelectronics LED7708 Datasheet HTML 38Page - STMicroelectronics LED7708 Datasheet HTML 39Page - STMicroelectronics LED7708 Datasheet HTML 40Page - STMicroelectronics LED7708 Datasheet HTML 41Page - STMicroelectronics LED7708 Datasheet HTML 42Page - STMicroelectronics LED7708 Datasheet HTML 43Page - STMicroelectronics LED7708 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
Recommended operating conditions
LED7708
40/53
Doc ID 022698 Rev 1
Equation 15
Figure 12.
Dimming signals and synchronization
Table 21.
Function of pins involved in dimming control
Pin
Function
GSCK
Input or output, depending on FOSC pin status;
FOSC high: grayscale clock input, internal oscillator disabled.
FOSC to resistor: grayscale clock output. The clock, internally generated by the dimming
oscillator, is provided at this pin.
FOSC
Internal oscillator frequency setting. See above.
GSSY
Input or output pin, depending on DSYS bit value. Used for dimming synchronization.
See Table 21.
Table 22.
Dimming synchronization control
DSYS
Dimming sync selector (locked if DEN is asserted)
0
The GSSY pin is set as output and provides a pulse at the end of each dimming cycle.
The device continuously performs a latency+dimming sequence.
1
The GSSY pin is set as input. The ongoing dimming sequence is reset as soon as a
rising edge on the GSSY input is detected; a new latency+dimming cycle is triggered by
the falling edge on this pin.
N
OSC
DIM
2
f
f
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com