Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 6Page - STMicroelectronics LED7708 Datasheet HTML 7Page - STMicroelectronics LED7708 Datasheet HTML 8Page - STMicroelectronics LED7708 Datasheet HTML 9Page - STMicroelectronics LED7708 Datasheet HTML 10Page - STMicroelectronics LED7708 Datasheet HTML 11Page - STMicroelectronics LED7708 Datasheet HTML 12Page - STMicroelectronics LED7708 Datasheet HTML 13Page - STMicroelectronics LED7708 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
Absolute maximum ratings
LED7708
10/53
Doc ID 022698 Rev 1
3
Absolute maximum ratings
Table 3.
Absolute maximum ratings
Symbol
Parameter
Pin
Min.
Max.
Unit
Maximum pin voltage
VIN,
CH1 to CH16
-40
V
LDO3
-
VIN+0.3
3.6
COMP, SYNC,
ISETH, ISETL,
SLOPE, CLIM,
FOSC, VFB, XOVF,
VMIN
-
LDO3+0.3
3.6
VSI
-
6
DCLK, LE, DIN,
GSCK, DCLK,
DOUT, GSSY
-
VSI+0.3
6
IOK, XMASK, XVOK,
XFLT, FSW, LREN,
-6
VDR
-
6
VIN+0.3
GATE
-
VDR+0.3
6
CSNS
-
LDO3+0.3
3.6
Continuous channel
current
CH1 to CH16
-
90
mA
Maximum current
generator power
dissipation
CH1 to CH16
-
0.5
W
ESD
ESD Rating
Human body model
JEDEC JESD22-
A114
-2
kV
Table 4.
Thermal data
Symbol
Parameter
Conditions
Min.
Max.
Unit
PD
Power dissipation(1)
TA = 25 °C
W
TA = 50 °C
TA = 85 °C
TJ,OP
Operating junction temperature
-40
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com