Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 7Page - STMicroelectronics LED7708 Datasheet HTML 8Page - STMicroelectronics LED7708 Datasheet HTML 9Page - STMicroelectronics LED7708 Datasheet HTML 10Page - STMicroelectronics LED7708 Datasheet HTML 11Page - STMicroelectronics LED7708 Datasheet HTML 12Page - STMicroelectronics LED7708 Datasheet HTML 13Page - STMicroelectronics LED7708 Datasheet HTML 14Page - STMicroelectronics LED7708 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
LED7708
Absolute maximum ratings
Doc ID 022698 Rev 1
11/53
TSTG
Storage temperature range
-50
150
Rth,JA
Junction-ambient thermal
resistance
30
°C/W
1.
Device soldered to the STEVAL-ILL035V1 demonstration board.
Table 4.
Thermal data (continued)
Symbol
Parameter
Conditions
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com