Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 29 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 25Page - STMicroelectronics LED7708 Datasheet HTML 26Page - STMicroelectronics LED7708 Datasheet HTML 27Page - STMicroelectronics LED7708 Datasheet HTML 28Page - STMicroelectronics LED7708 Datasheet HTML 29Page - STMicroelectronics LED7708 Datasheet HTML 30Page - STMicroelectronics LED7708 Datasheet HTML 31Page - STMicroelectronics LED7708 Datasheet HTML 32Page - STMicroelectronics LED7708 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
LED7708
Recommended operating conditions
Doc ID 022698 Rev 1
29/53
8.5
Serial interface
8.5.1
Serial interface architecture
The LED7708 is equipped with a 4-wire serial interface (SI) to allow full control of its
functionalities by the host controller. The LED7708 uses four pins (DIN, DOUT, DCLK and
LE) to connect itself to the serial bus. The serial interface supports a data clock frequency
up to 30 MHz.
Figure 7.
Simplified serial interface block diagram
8.5.2
Serial interface internal registers
The internal registers are organized in control registers and brightness registers. Access to
the desired register is performed by encoding the destination address via a serial key on the
bus (a serial key consists of a certain number of clock pulses during the high-state of the LE
signal). All the internal registers are 16 bits wide.
Table 11.
Internal registers
Control registers
Brightness registers
DEVCFG0
DEVCFG1
GSLAT
CHSTA
CHSEL
BRT01 to BRT16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com