Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 8Page - STMicroelectronics LED7708 Datasheet HTML 9Page - STMicroelectronics LED7708 Datasheet HTML 10Page - STMicroelectronics LED7708 Datasheet HTML 11Page - STMicroelectronics LED7708 Datasheet HTML 12Page - STMicroelectronics LED7708 Datasheet HTML 13Page - STMicroelectronics LED7708 Datasheet HTML 14Page - STMicroelectronics LED7708 Datasheet HTML 15Page - STMicroelectronics LED7708 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
Recommended operating conditions
LED7708
12/53
Doc ID 022698 Rev 1
4
Recommended operating conditions
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min.
Max.
Unit
DC Characteristics
VVIN
VIN pin input voltage range
3.6
36
V
VLDO3
LDO pin input voltage range
VIN, LDO3 and VDR
shorted together
3.0
3.6
VVDR
VDR pin input voltage range
VDR and VIN shorted
together
3.0
5.5
VCHx
Channel voltage range
36
VVSI
Serial interface supply voltage
3.0
5.5
ICHx
Channel continuous current
20
85
mA
Channel current when OFF
(adjustable)
2200
µA
AC Characteristics (VSI = 3.3 V)
fGSC
Grayscale clock frequency
25
MHz
fDCLK
Serial clock frequency
30
fSW
Boost converter switching frequency
200
1000
kHz
Tw,DCLK
DCLK pulse width
20
ns
Tw,GSC
GSC pulse width
20
Tw,LE
LE pulse width
15
Tsu,DIN
DIN setup time
5
Th,DIN
DIN hold time
5
Tsu,LE
LE setup time
5
Th,LE
LE hold time
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com