Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 37 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 33Page - STMicroelectronics LED7708 Datasheet HTML 34Page - STMicroelectronics LED7708 Datasheet HTML 35Page - STMicroelectronics LED7708 Datasheet HTML 36Page - STMicroelectronics LED7708 Datasheet HTML 37Page - STMicroelectronics LED7708 Datasheet HTML 38Page - STMicroelectronics LED7708 Datasheet HTML 39Page - STMicroelectronics LED7708 Datasheet HTML 40Page - STMicroelectronics LED7708 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
LED7708
Recommended operating conditions
Doc ID 022698 Rev 1
37/53
8.5.9
CHSEL register
The CHSEL register is a readable/writable configuration register. Every bit of this register
allows the user to enable/disable the channels. Independent control of the channels (e.g.
scrolling backlight or phase shift) can be achieved by acting on this register.
8.5.10
CHSTA register
The CHSTA register is a read only status register. Each bit of this register shows the status
of the corresponding channel. After the error detection sequence takes place, the channels
which have an excessive voltage drop (LED short-circuit) or that are unable to regulate the
nominal current (open channels) are tagged as faulty and the related CHSTA bits are
asserted.
The CHSEL register is not affected by the error detection sequence. The channels disabled
by clearing the corresponding bits of the CHSEL register are not involved in the error
detection and the corresponding bits of the CHSTA register are forced low. The CHSTA
register is automatically overwritten during subsequent error detection occurrences.
Table 17.
CHSEL register
Bit
Position
Attribute
Meaning
CHSEL0 to
CHSEL15
0
R/W
1= the corresponding channel is active.
0= the corresponding channel is disabled.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com