Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 31 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 27Page - STMicroelectronics LED7708 Datasheet HTML 28Page - STMicroelectronics LED7708 Datasheet HTML 29Page - STMicroelectronics LED7708 Datasheet HTML 30Page - STMicroelectronics LED7708 Datasheet HTML 31Page - STMicroelectronics LED7708 Datasheet HTML 32Page - STMicroelectronics LED7708 Datasheet HTML 33Page - STMicroelectronics LED7708 Datasheet HTML 34Page - STMicroelectronics LED7708 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
LED7708
Recommended operating conditions
Doc ID 022698 Rev 1
31/53
8.5.4
Brightness data formats
The format for the brightness data is chosen by acting on the BDFS (brightness data format
selector) and the BRLS (brightness register length selector) bits of the DEVCFG1 register.
16x16-bit data format (BDFS=0, BRLS=X)
The brightness registers BRT01:BRT16 are sequentially loaded at the end of 16-bit write
operations. The LE is managed to encode two serial keys: one for the so called “data latch”
operation and another to encode the final “global latch” operation. Therefore, a complete
brightness data transfer to the LED7708 consists of 15 “data latch” operations followed by a
single “global latch” operation.
If the 4096 steps (12-bit) brightness control is used (BRLS low), the four most significant bits
of each brightness register are unused. The brightness registers are written from BRT16 to
BRT01 with auto-decrement after each write operation (the LE signal of the last write
operation to BRT01 must encode a “global latch”).
Figure 9.
16-bit data format, write operation to the brightness register
Table 13.
Brightness data formats
BDFS
BRLS
Brightness data format
00
16x16, 12-bit
(the 4 most significant bits are not used)
0
1
16x16, 16-bit
1
0
192x1, 12-bit
1
1
256x1, 16-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com