Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 39 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 35Page - STMicroelectronics LED7708 Datasheet HTML 36Page - STMicroelectronics LED7708 Datasheet HTML 37Page - STMicroelectronics LED7708 Datasheet HTML 38Page - STMicroelectronics LED7708 Datasheet HTML 39Page - STMicroelectronics LED7708 Datasheet HTML 40Page - STMicroelectronics LED7708 Datasheet HTML 41Page - STMicroelectronics LED7708 Datasheet HTML 42Page - STMicroelectronics LED7708 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
LED7708
Recommended operating conditions
Doc ID 022698 Rev 1
39/53
The content of the internal registers, except the read-only bits of DEVCFG0 and DEVCFG1
(i.e. CFP, OVRS, OVFW and EDMI), is not affected when the DEN bit is cleared.
Warning:
In order to prevent damage to the device or to the external
circuitry, some bits of DEVCFG0 and DEVCFG1 registers
(CRS, SDMS and DSYS) are locked when DEN is high.
8.6
Dimming options
The brightness of the LEDs connected to the output channels can be basically controlled in
two ways, depending on the status of the GSME bit of the DEVCFG1 register:
●
Group dimming mode (GSME=0): common dimming performed by using the brightness
value received through the serial interface and stored in the BRT01 register: all the
channels have the same PWM duty cycle;
●
Grayscale dimming mode (GSME=1): independent PWM dimming on each channel
performed by loading the BRT01:BRT16 brightness registers.
In practice, a third way to control the brightness of the LEDs should rely on an intensive use
of the CHSEL register by the host controller. The direct control of the CHSEL register,
combined with either the group dimming or the grayscale dimming, allows the user to
implement particular dimming algorithms.
Once the dimming control mode has been chosen through the GSME bit, the source of the
clock for the PWM generation (grayscale clock) must be selected. The LED7708 can use
either an external clock source or its internal high-frequency oscillator.
8.6.1
Internal dimming oscillator
The LED7708 has a programmable oscillator dedicated to the dimming circuitry.
The output clock is provided at the GSCK pin for the slave devices. If the FOSC pin is forced
high, the oscillator is turned off and the GSCK pin becomes the grayscale clock input.
The oscillator frequency is simply set by connecting a resistor between the FOSC pin and
ground:
Equation 14
Table 20.
FOSC pin setting options
FOSC pin setting
Oscillator
GSCK pin function
High (to LDO3)
OFF
Grayscale clock input
Resistor to GND
Active (4 MHz-25 MHz)
Grayscale clock output
FOSC
OSC
GSCK
R
K
f
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com