Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 33 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 29Page - STMicroelectronics LED7708 Datasheet HTML 30Page - STMicroelectronics LED7708 Datasheet HTML 31Page - STMicroelectronics LED7708 Datasheet HTML 32Page - STMicroelectronics LED7708 Datasheet HTML 33Page - STMicroelectronics LED7708 Datasheet HTML 34Page - STMicroelectronics LED7708 Datasheet HTML 35Page - STMicroelectronics LED7708 Datasheet HTML 36Page - STMicroelectronics LED7708 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
LED7708
Recommended operating conditions
Doc ID 022698 Rev 1
33/53
Normally, the serial data coming from the DIN pin is clocked out at the DOUT pin. Optionally,
the LED7708 can continuously transmit the status of the control registers when the
continuous status reading (CSRD) bit of the DEVCFG0 register is asserted. In this case the
device replaces (with a 16-clock-cycle delay) the received brightness data stored in the
FIFO with the CHSTA, CHSEL, LATENCY, DEVCFG0 and DEVCFG1 content. This option is
useful to get the device status without interrupting the brightness data flow.
The continuous status reading is available only with 1x256-bit and 1x192-bit data formats.
See Section 8.8.2 for details.
8.5.5
Brightness registers (BRTxx)
The BRT16:01 registers are 16-bit wide, write-only registers where the brightness levels,
received through the serial interface, are stored. These registers may be 12 or 16 bits wide,
depending on the BRLS and BDFS bits of the DEVCFG1, see Table 15. The LED7708
supports two brightness control options: group dimming and grayscale dimming.
The first option uses BRT01 only to set the desired brightness to all the channels, while the
second one allows independent brightness level on each channel (all BRTxx registers are
used). Group dimming and grayscale dimming modes are selected through the GSME bit of
the DEVCFG0 register.
The PWM signals at the outputs are generated by comparing the content of the BRT16:01
registers to a 16-bit or 12-bit counter, according to BRLS and BDFS bit status. The clock
source for the counter can be either external or internal, depending on the FOSC pin status.
See Section 8.6.1: Internal dimming oscillator for details.
All the brightness registers are not directly connected to the digital comparators of the
grayscale circuitry: a 256-bit buffer is used to store the value. The content of the buffer is
transferred to the brightness registers at the end of the LE pulse (falling edge) or at the end
of the current dimming cycle according to the selected option (See the DASS bit of the
DEVCFG1 register for details).
8.5.6
DEVCFG0 register
Table 14.
DEVCFG0 register
Bit
Position
Attribute
Default
Description
DEN
0
R/W
0
Device enable
0= device off
1= device on
EDMI
1
Read only
1
Error detection mode indicator
0= valid data on CHSTA
1= error detection in progress or output voltage
not optimized
OVFW
2
Read only
0
Regulation DAC overflow
0= regulation DAC in range
1= regulation DAC overflow
OTAF
3
Read only
0
Overtemperature alert flag
0= die temp <120 °C
1= die temp >130 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com