Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 23 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 19Page - STMicroelectronics LED7708 Datasheet HTML 20Page - STMicroelectronics LED7708 Datasheet HTML 21Page - STMicroelectronics LED7708 Datasheet HTML 22Page - STMicroelectronics LED7708 Datasheet HTML 23Page - STMicroelectronics LED7708 Datasheet HTML 24Page - STMicroelectronics LED7708 Datasheet HTML 25Page - STMicroelectronics LED7708 Datasheet HTML 26Page - STMicroelectronics LED7708 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
LED7708
Recommended operating conditions
Doc ID 022698 Rev 1
23/53
The two signals IOK and XVOK are connected (wired-or) to all the slave devices sharing the
same output voltage rail: if a channel has a low-voltage drop (below VRWL), the device that
owns that channel forces low the IOK signal. In a similar way, the XVOK is released if the
voltage across all the channels of a slave is higher than required (above VRWH). The wire-or
connection of this signal ensures that the output voltage reduction takes place only if all the
slaves (and the master itself) need this operation. Refer to the special functions section for a
detailed explanation of the daisy chain connection between the master and slave devices.
The boost converter is always active regardless of how many channels are active (i.e. even
if all channels are off) in order to improve the load transient dynamic response.
The output voltage regulation can be enabled/disabled (the OVRE bit of the DEVCFG0
register), allowing the user to perform the optimization continuously or on demand.
In real applications, the spread of the forward voltage of the LEDs may cause the channels
to have different voltage drops. In any case, the leading channel (i.e. the channel requiring
the highest voltage to drive its LED string) is kept inside the regulation window.
The reference voltage, provided by the internal DAC, spans between the minimum and
maximum values, programmable through the VMIN pin (see Section 5: Electrical
characteristics).
As a consequence, the output voltage can be varied by the device in the following range:
Equation 2
Equation 3
where R1 and R2 are the resistors of the divider connected to the output rail and VVFB is the
reference voltage at the VFB pin.
The LED7708 regulates the output voltage in order to optimize the overall efficiency and, to
do this, it needs to read the voltage drop across the active current generators. Unfortunately,
in some cases (e.g. during the soft-start phase or when all the channels are set to 0%
brightness), the current generators are off and there is no useful information coming from
them. Therefore the output voltage is regulated to the minimum value (Equation 2: ). It must
be ensured that the minimum output voltage is below the minimum expected output voltage
Table 9.
Handshake signals summary
Pin
Function
IOK
Used by the slaves to increase the output voltage (algorithm is overdriven)
XVOK
Used by the slaves to ask for an output voltage reduction
XOVF
Used by the master to inform that the maximum output voltage has been reached (each
slave uses this information to tag as “faulty” its open channels)
XMSK
Used by the master to inform the slaves that the output voltage is out of regulation and
the LED fault detection must be masked to prevent false detection
V
BOOST min
,
R
1
R
2
+
R
1
--------------------
⎝⎠
⎛⎞
V
VFB min
,
⋅
=
V
BOOST MAX
,
R
1
R
2
+
R
1
--------------------
⎝⎠
⎛⎞
V
VFB MAX
,
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com