Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 34 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 30Page - STMicroelectronics LED7708 Datasheet HTML 31Page - STMicroelectronics LED7708 Datasheet HTML 32Page - STMicroelectronics LED7708 Datasheet HTML 33Page - STMicroelectronics LED7708 Datasheet HTML 34Page - STMicroelectronics LED7708 Datasheet HTML 35Page - STMicroelectronics LED7708 Datasheet HTML 36Page - STMicroelectronics LED7708 Datasheet HTML 37Page - STMicroelectronics LED7708 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Recommended operating conditions
LED7708
34/53
Doc ID 022698 Rev 1
Warning:
(†) In order to prevent damage to the device or to the external
circuitry, these bits are locked when the DEN bit of DEVCFG0
is asserted.
OCAD
4
R/W
0
Open channel auto disconnection
0= open channels not disconnected
1= open channels auto-disconnection
SCAD
5
R/W
0
Shorted channel auto disconnection
0= shorted channels not disconnected
1= shorted channels auto-disconnection
CFP
6
Read only
0
Critical fault protection
0= no protection occurred
1= OV or OT protection occurred
RWAS
7
R/W
0
Regulation window amplitude selection
0= 300 mV regulation window
1= 600 mV regulation window
DTS0
8
R/W
0
LED short detection threshold selection
(See Table 17).
DTS1
9
R/W
0
GSME
10
R/W
0
Grayscale mode enable
0= group dimming mode
1= grayscale dimming mode
CRS†
11
R/W
0
Current range selector†
0= lower current range (20 mA-45 mA)
1= upper current range (40 mA-85 mA)
OVRS
12
Read only
0
Output voltage regulation status
0= output voltage not optimized
1= output voltage optimized
OVRE
13
R/W
0
Output voltage regulation enable
0= output voltage regulation disabled
1= output voltage regulation enabled
SDMS†
14
R/W
0
Slave device mode selection†
0= no slave devices
1= slave devices connected
DEST
15
R/W
X
Destination register address
0= FIFO loaded into DEVCFG0
1= FIFO loaded into DEVCFG1
Table 14.
DEVCFG0 register (continued)
Bit
Position
Attribute
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com