Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 10Page - STMicroelectronics LED7708 Datasheet HTML 11Page - STMicroelectronics LED7708 Datasheet HTML 12Page - STMicroelectronics LED7708 Datasheet HTML 13Page - STMicroelectronics LED7708 Datasheet HTML 14Page - STMicroelectronics LED7708 Datasheet HTML 15Page - STMicroelectronics LED7708 Datasheet HTML 16Page - STMicroelectronics LED7708 Datasheet HTML 17Page - STMicroelectronics LED7708 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
Electrical characteristics
LED7708
14/53
Doc ID 022698 Rev 1
FSW synchronization input
low level
0.5
V
FSW synchronization input
high level
2.2
SYNC output duty cycle
FSW connected to LDO3
25
30
35
%
SYNC output high level
ISYNC=1 mA
VLDO3
-0.3 V
V
SYNC output low level
ISYNC=-1 mA
0.4
Adjustable power MOSFET
current sensing voltage
RCLIM=100 kΩ
100
mV
RCLIM=300 kΩ
300
Power consumption
IVIN1
Shutdown current (SI off,
LED drivers off, SMPS off,
LDOs off)
LREN low, VSI low
30
µA
IVIN2
Shutdown current (SI active,
LED drivers off, SMPS off,
LDOs on)
LREN floating VSI to LDO3
DEN=0
300
450
IVIN3
Quiescent current (LED
drivers off, boost section not
switching)
LREN floating; VSI, FOSC
and ISETL to LDO3; DIN,
DCLK, LE, GSCK and GSSY
to GND; VCHx=2 V;
RISETH=60 kΩ
4
mA
IVIN4
Operating current (serial
interface active, boost not
switching)
LREN floating VSI and FOSC
to LDO3, DIN and DCLK
toggling at 15 MHz, DOUT,
GSSY and GSCK floating, LE
to GND. VCHx=2 V,
RISETH=60 kΩ
7
IVSI1
Standby current (DIN, DCLK
and LE to SGND, LED
drivers off, SMPS off, LREN
floating)
VSI = 3.3 V
7
µA
VSI = 5.0 V
9
OV protection, output regulation
VFB,OVP
Overvoltage protection
reference threshold
VMIN tied to GND
1.275
1.30
1.325
V
VMIN to LDO3
1.105
1.13
1.155
RVMIN=220 kΩ
0.985
1.01
1.035
VMIN floating
0.765
0.8
0.815
VFB,OVP
OVP hysteresis
6
mV
Table 6.
Electrical characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com