Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 22 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 18Page - STMicroelectronics LED7708 Datasheet HTML 19Page - STMicroelectronics LED7708 Datasheet HTML 20Page - STMicroelectronics LED7708 Datasheet HTML 21Page - STMicroelectronics LED7708 Datasheet HTML 22Page - STMicroelectronics LED7708 Datasheet HTML 23Page - STMicroelectronics LED7708 Datasheet HTML 24Page - STMicroelectronics LED7708 Datasheet HTML 25Page - STMicroelectronics LED7708 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Recommended operating conditions
LED7708
22/53
Doc ID 022698 Rev 1
Figure 5.
Simplified output regulation circuitry
During normal operation, the regulation algorithm is the following:
●
if at least one active channel has a voltage drop below the lower threshold, the internal
DAC counts up and the output voltage is increased
●
if all the active channels have a voltage drop higher than the upper threshold, the
internal DAC counts down and the output voltage is reduced.
Therefore, the possible operating configurations are shown in Table 8.
The algorithm can also manage faulty conditions that may occur on the LED array (open
channels and LED short-circuit) in order to prevent excessive power dissipation.
The LED7708 has been designed to interface with other slave devices and can provide them
with the correct LED supply voltage by extending the above mentioned output voltage
optimization. For this purpose, some handshake signals have been reserved:
Table 8.
Output voltage states during regulation
Output voltage
Condition
Excessive
All the channels have their voltage above the upper threshold of the
regulation window.
Optimal
All the channels have their voltage inside the regulation window.
Regulated
Most of the channels have their voltage inside the regulation window; the
remaining channels have a voltage drop above the upper threshold.
Insufficient
At least one channel has its voltage drop below the lower threshold of the
regulation window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com