Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 11Page - STMicroelectronics LED7708 Datasheet HTML 12Page - STMicroelectronics LED7708 Datasheet HTML 13Page - STMicroelectronics LED7708 Datasheet HTML 14Page - STMicroelectronics LED7708 Datasheet HTML 15Page - STMicroelectronics LED7708 Datasheet HTML 16Page - STMicroelectronics LED7708 Datasheet HTML 17Page - STMicroelectronics LED7708 Datasheet HTML 18Page - STMicroelectronics LED7708 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
LED7708
Electrical characteristics
Doc ID 022698 Rev 1
15/53
VDAC,FB
Maximum internal reference
voltage for output regulation
VMIN to GND
1.136
1.161
1.186
V
VMIN to LDO3
0.967
0.992
1.017
RVMIN=220 kΩ
0.847
0.872
0.897
VMIN floating
0.630
0.655
0.680
Minimum internal reference
voltage for output regulation
VMIN to GND
0.836
0.861
0.886
VMIN to LDO3
0.667
0.692
0.717
RVMIN=220 kΩ
0.547
0.572
0.597
VMIN floating
0.330
0.355
0.380
Current generators
ΔI
CHxn
Maximum output current
accuracy with respect to
nominal value(1)
VCHx=0.6 V,
20 mA
≤ ICHx ≤85 mA
±2%
±3%
ΔI
CHxy
Maximum channel-to-
channel output current
mismatch(1)
(all channels active)
VCHx=0.6 V, RISETH=60 kΩ
(ICHx=20 mA)
±2%
VCHx
Minimum master channel
feedback voltage
RISETH=60 kΩ, CRS=0
500
600
mV
RISETH=15 kΩ, CRS=1
700
800
VRW
Regulation window
amplitude
RISETH=60 kΩ, RWAS=0
190
250
310
RISETH=60 kΩ, RWAS=1
400
500
600
ICHx,OFF1
Off-state channels current
VCHx=10 V, RISETL=50 kΩ
70
80
90
µA
ICHx,OFF2
VCHx=10 V, ISETL to LDO3
1
2
VTH,ISETL
ISETL input threshold
ICHx, OFF2
VLDO3-
1
V
KISETH
Output current high-state
constant
20 mA
≤ ICHx ≤85 mA
1164
1200
1236
KISETL
Output current low-state
constant
3.5
4.0
4.5
Serial interface
DIN, DCLK, LE, GSCK,
GSSY low level input
threshold
VSI=LDO3=3.3 V
1.32
V
DIN, DCLK, LE, GSCK,
GSSY high level input
threshold
1.6
DOUT and GSSY output low
level
VSI=LDO3=3.3 V
ILOAD=-200 µA
1.22
DOUT and GSSY output
high level
VSI=LDO3=3.3 V
ILOAD=200 µA
1.75
Table 6.
Electrical characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com