Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED7708 Datasheet(PDF) 32 Page - STMicroelectronics

Part # LED7708
Description  16 channels x 85 mA LED driver with boost controller and 4-wire serial interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED7708 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LED7708 Datasheet HTML 28Page - STMicroelectronics LED7708 Datasheet HTML 29Page - STMicroelectronics LED7708 Datasheet HTML 30Page - STMicroelectronics LED7708 Datasheet HTML 31Page - STMicroelectronics LED7708 Datasheet HTML 32Page - STMicroelectronics LED7708 Datasheet HTML 33Page - STMicroelectronics LED7708 Datasheet HTML 34Page - STMicroelectronics LED7708 Datasheet HTML 35Page - STMicroelectronics LED7708 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Recommended operating conditions
LED7708
32/53
Doc ID 022698 Rev 1
1x256-bit data format (BDFS=1, BRLS=1)
This option allows a complete brightness data transfer in a single 256-bit write operation.
The brightness registers BRT01:BRT16 are simultaneously loaded at the falling edge of the
LE signal. Only 65536 steps (16-bit) brightness control is supported by this data format.
Figure 10.
256-bit data format, write operation to the brightness registers
1x192-bit data format (BDFS=1, BRLS=0)
The brightness registers BRT01:BRT16 are simultaneously loaded at the end of a single
192-bit single write operation. This option is similar to the 1x256-bit format but optimizes the
serial bus communication when 12 bits only are used for the brightness control.
Figure 11.
192-bit data format, write operation to the brightness registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com