Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 4Page - STMicroelectronics L99MD01 Datasheet HTML 5Page - STMicroelectronics L99MD01 Datasheet HTML 6Page - STMicroelectronics L99MD01 Datasheet HTML 7Page - STMicroelectronics L99MD01 Datasheet HTML 8Page - STMicroelectronics L99MD01 Datasheet HTML 9Page - STMicroelectronics L99MD01 Datasheet HTML 10Page - STMicroelectronics L99MD01 Datasheet HTML 11Page - STMicroelectronics L99MD01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Detailed description
L99MD01
8/54
Doc ID 17242 Rev 6
2.5
SMPS Switched Mode Power Supply
External MOSFET
Spread spectrum technique:
●
Wobble oscillator, programmable by SPI (1.95 K / 3.9 K / 7.8 K / 15.6 KHz).
●
Frequency modulation programmable by SPI (0 / 5 / 10 / 20%).
VS2 level concept:
●
Microcontroller measuring pulse of SMPS frequency (dependent on internal oscillator
frequency).
Due to the Oscillator frequency of L99MD01 the µC can calculate the on/off counts to
program the SMPS frequency and duty cycle.
●
Microcontroller sending by SPI SMPS 6-bit on counter value, microcontroller sending
by SPI SMPS 6-bit off counter value.
Basing on the on and off counter value the duty cycle and the SMPS frequency can be
programmed.
The VS2 voltage is strongly related to the duty cycle of SMPS.
2.6
Current monitor
The current monitor output sources a current image at the current monitor output which has
a programmable ratio (1/250, 1/500, 1/750, 1/1000) of the instantaneous current of the
selected half bridge (high-side or low-side). Via SPI it can be programmed which of the
outputs are multiplexed to the current monitor output.
The current monitor output allows a more precise analysis of the actual state of the load
rather than the detection of an open or overload condition. For example this can be used to
detect the motor state (starting, free-running, stalled).
2.7
Inductive loads
Each half bridge is built by an internally connected high-side and a low-side power DMOS
transistor. Due to the built-in reverse diodes of the output transistors, inductive loads can be
driven at the outputs.
2.8
Diagnostic functions
All diagnostic functions (over/open-load, temperature warning and thermal shutdown,
over/undervoltage) are internally filtered and the condition has to be valid for at least 32 µs
(open-load: typ. 2 ms, respectively) before the corresponding status bit in the status
registers is set. The filters are used to improve the noise immunity of the device. Open-load
and temperature warning function are intended for information purpose and not changes the
state of the output drivers. On contrary, the overload and thermal shutdown condition
disables the corresponding driver (overload) or all drivers (thermal shutdown), respectively.
The microcontroller has to clear the overcurrent status bit to reactivate the corresponding
driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com