Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 33Page - STMicroelectronics L99MD01 Datasheet HTML 34Page - STMicroelectronics L99MD01 Datasheet HTML 35Page - STMicroelectronics L99MD01 Datasheet HTML 36Page - STMicroelectronics L99MD01 Datasheet HTML 37Page - STMicroelectronics L99MD01 Datasheet HTML 38Page - STMicroelectronics L99MD01 Datasheet HTML 39Page - STMicroelectronics L99MD01 Datasheet HTML 40Page - STMicroelectronics L99MD01 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
L99MD01
SPI control and status register
Doc ID 17242 Rev 6
37/54
Table 36.
Status register 0
Bit
Status register 0 (read only); address 10h
Name
Comment
15
HS8
Overcurrent error detected, driver is deactivated
14
LS8
13
HS7
12
LS7
11
HS6
10
LS6
9HS5
8LS5
7HS4
6LS4
5HS3
4LS3
3HS2
2LS2
1HS1
0LS1
Table 37.
Status register 1
Bit
Status register 1 (read only); address 11h
Name
Comment
15-8
-
-
7
Open-load Out8
Open-load detected, information only
No changes if the corresponding disable OL bit (Control register 6) is set
6
Open-load Out7
5
Open-load Out6
4
Open-load Out5
3
Open-load Out4
2
Open-load Out3
1
Open-load Out2
0
Open-load Out1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com