Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 6Page - STMicroelectronics L99MD01 Datasheet HTML 7Page - STMicroelectronics L99MD01 Datasheet HTML 8Page - STMicroelectronics L99MD01 Datasheet HTML 9Page - STMicroelectronics L99MD01 Datasheet HTML 10Page - STMicroelectronics L99MD01 Datasheet HTML 11Page - STMicroelectronics L99MD01 Datasheet HTML 12Page - STMicroelectronics L99MD01 Datasheet HTML 13Page - STMicroelectronics L99MD01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Detailed description
L99MD01
10/54
Doc ID 17242 Rev 6
2.11
Open-load detection
The open-load detection monitors the load current in each activated output stage. If the load
current is below the open-load detection threshold for at least 2 ms (tdOL) the corresponding
open load bit is set in the status register. Due to mechanical/electrical inertia of typical loads
a short activation of the outputs (e.g. 3 ms) can be used to test the open-load status without
changing the mechanical/electrical state of the loads.
2.12
Overload detection
In case of an overcurrent condition, a flag is set in the corresponding status register. If the
overcurrent signal is valid for at least tISC = 32 µs, the overcurrent flag is set and the
corresponding switch is switched off to reduce the power dissipation and to protect the
integrated circuit. The microcontroller has to clear the status bit to reactivate the
corresponding driver.
2.13
Cross-current protection
The device is cross-current protected by an internal delay time. If one driver (LS or HS) is
turned-off the activation of the other driver of the same half bridge are automatically delayed
by the cross-current protection time. After the cross-current protection time is expired the
slew-rate limited switch-off phase of the driver is changed to a fast turn-off phase and the
opposite driver is turned-on with slew-rate limitation. Due to this behavior it is always
guaranteed that the previously activated driver is totally turned-off before the opposite driver
starts to conduct. If wrong SPI commands try to turn-on both driver (LS and HS)
simultaneously, the high-side and the low-side are (or stay) deactivated (3-state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com