Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 20Page - STMicroelectronics L99MD01 Datasheet HTML 21Page - STMicroelectronics L99MD01 Datasheet HTML 22Page - STMicroelectronics L99MD01 Datasheet HTML 23Page - STMicroelectronics L99MD01 Datasheet HTML 24Page - STMicroelectronics L99MD01 Datasheet HTML 25Page - STMicroelectronics L99MD01 Datasheet HTML 26Page - STMicroelectronics L99MD01 Datasheet HTML 27Page - STMicroelectronics L99MD01 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Functional description of the SPI
L99MD01
24/54
Doc ID 17242 Rev 6
5.2
SPI communication flow
5.2.1
General description
The proposed SPI communication is based on a standard SPI interface structure using CSN
(Chip Select Not), SDI (Serial Data In), SDO (Serial Data Out/Error) and SCK (Serial Clock)
signal lines. Maximum SPI frequency is 1 MHz.
At the beginning of each communication the master reads the <SPI-frame-ID> register
(ROM address 3EH) of the slave device. This 8-bit register indicates the SPI frame length
(24-bit for the L99MD01) and the availability of additional features.
Each communication frame consists of an instruction byte which is followed by 2 data bytes
(see
4H
Figure 8).
The data returned on SDO within the same frame always starts with the <Global Status>
register. It provides general status information about the device. It is followed by 2bytes (i. e.
‘In-frame-response’, Figure 8).
For write cycles the <Global Status> register is followed by the previous content of the
addressed register.
For read cycles the <Global Status> register is followed by the content of the addressed
register.
5.2.2
Command byte
Each communication frame starts with a command byte. It consists of an operating code
which specifies the type of operation (<Read>, <Write>, <Read and Clear Status>, <Read
Device Information>) and a 6 bit address.
Table 18.
Command byte (8 bit)
Operating code
Address
Bit
23222120
1918
17
16
Name
OC1
OC0
A5
A4
A3
A2
A1
A0
Table 19.
Data byte
Data byte 1
Data byte 0
Bit
15
14
13
12
11
10
9876
543
210
Name D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 20.
Operating code definition
OC1
OC0
Meaning
0
0
<Write mode>
0
1
<Read mode>
1
0
<Read and clear status>
1
1
<Read device information>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com