Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 28Page - STMicroelectronics L99MD01 Datasheet HTML 29Page - STMicroelectronics L99MD01 Datasheet HTML 30Page - STMicroelectronics L99MD01 Datasheet HTML 31Page - STMicroelectronics L99MD01 Datasheet HTML 32Page - STMicroelectronics L99MD01 Datasheet HTML 33Page - STMicroelectronics L99MD01 Datasheet HTML 34Page - STMicroelectronics L99MD01 Datasheet HTML 35Page - STMicroelectronics L99MD01 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
SPI control and status register
L99MD01
32/54
Doc ID 17242 Rev 6
Table 27.
Control register 2
Bit
Control register 2 (read/write); address 02h
Name
Comment
SMPS frequency and duty cycle.
15
-
14
-
13
SMPS on cycles bit 5
Number of ON cycles for SMPS driver, binary coded.
Cycles are based on the internal oscillator
If all bits are set to “1” the SMPS output is high for 63 clock cycles.
12
SMPS on cycles bit 4
11
SMPS on cycles bit 3
10
SMPS on cycles bit 2
9
SMPS on cycles bit 1
8
SMPS on cycles bit 0
7-
6-
5
SMPS off cycles bit 5
Number of OFF cycles for SMPS driver, binary coded.
Cycles are based on the internal Oscillator. If OFF is set to values 3 the SMPS
driver is switched off.
If all bits are set to “1” the SMPS output is low for 63 clock cycles.
4
SMPS off cycles bit 4
3
SMPS off cycles bit 3
2
SMPS off cycles bit 2
1
SMPS off cycles bit 1
0
SMPS off cycles bit 0
Table 28.
Control register 3
Bit
Control register 3 (read/write); address 03h
Name
Comment
15
High current LS 8
High current mode of low-side switch
“0”: The selected low-side switch is in low current mode. The overcurrent and
open-load thresholds are reduced by ½.
The selected current monitor ratio is doubled.
“1” (default setting) the selected low-side switch is in high current mode
14
High current LS 7
13
High current LS 6
12
High current LS 5
11
High current LS 4
10
High current LS 3
9
High current LS 2
8
High current LS 1
7-
6VS OV shutdown/warn
In case of VS overvoltage
“0”: all outputs are switched off + status bit set
“1”: only status bit is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com