Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 29Page - STMicroelectronics L99MD01 Datasheet HTML 30Page - STMicroelectronics L99MD01 Datasheet HTML 31Page - STMicroelectronics L99MD01 Datasheet HTML 32Page - STMicroelectronics L99MD01 Datasheet HTML 33Page - STMicroelectronics L99MD01 Datasheet HTML 34Page - STMicroelectronics L99MD01 Datasheet HTML 35Page - STMicroelectronics L99MD01 Datasheet HTML 36Page - STMicroelectronics L99MD01 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
L99MD01
SPI control and status register
Doc ID 17242 Rev 6
33/54
5VS2 recovery
VS2 recovery mode:
“0”: no recovery after VS2 overvoltage
“1”: If the VS2 voltage falls below the threshold after a VS2 overvoltage condition,
the SMPS goes again in active mode and the status bit is cleared
SMPS configuration
4
Wobble bit 1
Wobble defines the modulation frequency deviation of the internal oscillator,
definition see Table 29.
3
Wobble bit 0
2
Frequency deviation bit 1
Frequency deviation of the internal oscillator, definition see Table 30
1
Frequency deviation bit 0
0
Rnd/Lin
Random/linear mode:
“0”: the oscillator is changed in linear mode like a triangle.
“1”: the oscillator frequency is distributed randomly.
Table 28.
Control register 3 (continued)
Bit
Control register 3 (read/write); address 03h
Name
Comment
Table 29.
Wobble
Bit 4
Bit 3
Wobble
0
0
1.95 KHz
0
1
3.9 KHz
1
0
7.8 KHz
1
1
15.6 KHz
Table 30.
Frequency deviation
Bit 2
Bit 1
Frequency deviation
00
0 %
01
5 %
10
10 %
11
20 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com