Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 10Page - STMicroelectronics L99MD01 Datasheet HTML 11Page - STMicroelectronics L99MD01 Datasheet HTML 12Page - STMicroelectronics L99MD01 Datasheet HTML 13Page - STMicroelectronics L99MD01 Datasheet HTML 14Page - STMicroelectronics L99MD01 Datasheet HTML 15Page - STMicroelectronics L99MD01 Datasheet HTML 16Page - STMicroelectronics L99MD01 Datasheet HTML 17Page - STMicroelectronics L99MD01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
Electrical specifications
L99MD01
14/54
Doc ID 17242 Rev 6
4.3
Thermal data
4.4
Electrical characteristics
VS = 6 to 18 V, VCC = 3.0 to 5.3 V, Tj = -40 to 150 °C, unless otherwise specified.
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin.
Table 6.
Operating junction temperature
Symbol
Parameter
Value
Unit
Tj
operating junction temperature
-40 to 150
°C
Table 7.
Temperature warning and thermal shutdown
Symbol
Parameter
Min.
Typ.
Max.
Unit
TjTW ON
temperature warning threshold
junction temperature
Tj increasing
-
-
150
°C
TjSD ON
thermal shutdown threshold junction
temperature
Tj increasing
-
-
170
°C
Table 8.
Supply
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSA/ VSB
operating supply voltage
range
638
V
IS
VSA / VSB DC supply current
VSx = 13 V, VCC = 5.0 V
EN = high
Outputs floating
0.5
2
mA
IVS
VS supply current
VS = 13 V, VCC = 5 V
EN = high
SMPS output off
1.5
4
mA
VS = 13 V, VCC = 5 V
EN = high
SMPS load = 2 nF, 200 kHz,
duty 50 %
4.2
7
mA
IVS2
VS2 DC current
VS2 =26 V, VCC = 5.0 V
EN = high
300
600
µA
IVSX
VSx
(VS, VSA, VSB, VS2) quiescent
supply current
VSx = 13 V, VCC = 5 V
EN = low
Tj = -40, 25 °C
Outputs floating
310
µA
Tj = 130 °C; TBV
6
20
µA
VCC
operating supply voltage range
3,0
5,3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com