Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99MD01 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L99MD01
Description  Internal PWM generation
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MD01 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L99MD01 Datasheet HTML 21Page - STMicroelectronics L99MD01 Datasheet HTML 22Page - STMicroelectronics L99MD01 Datasheet HTML 23Page - STMicroelectronics L99MD01 Datasheet HTML 24Page - STMicroelectronics L99MD01 Datasheet HTML 25Page - STMicroelectronics L99MD01 Datasheet HTML 26Page - STMicroelectronics L99MD01 Datasheet HTML 27Page - STMicroelectronics L99MD01 Datasheet HTML 28Page - STMicroelectronics L99MD01 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
L99MD01
Functional description of the SPI
Doc ID 17242 Rev 6
25/54
The <Write Mode> and <Read Mode> operations allow access to the RAM of the device,
i. e. write to control registers or read status information.
A <Read and Clear Status> operation addressed to a device specific status register reads
back and subsequently clear this status register. A <Read and Clear Status> operation with
address 3FH clears all status registers at a time and reads back the <Configuration>
register.
A <Read and Clear Status> operation addressed to an unused RAM address register is
identical to a <Read Mode> operation (in case of unused RAM address, the second byte is
equal to 00H).
<Read Device Information> allows access to the ROM area which contains device related
information such as the product family, product name, silicon version and register width.
The <Global Error Flag> is generated by an OR-combination of all failure events of the
device (i.e. bit 0 to bit 6 of the <Global Status Byte>.
Table 21.
Global status byte
Bit
Description
Polarity
Comment
0
Software reset or
under/overvoltage
Active high
Depends on bit 5 of <Global Status Byte>:
Bit 5
Bit 0
0
Set if software reset (SDI stuck at 1
or 0)
1
Logical OR of the under- /
overvoltage status bits
1
Overcurrent detected
Active high
Set by any overcurrent event
2
Open-load detected
Active high
Set by any open-load event
3
Temp warning
Active high
4
Thermal shutdown /
chip overload
Active high
5
Not (chip reset or
communication error)
Active low
Activated by all internal reset events that change
device state or configuration registers (e. g.
software reset, VCC under-voltage, etc.). The bit is
set after a valid communication with any register.
This bit is initially ‘0’ and is set to ‘1’ by a valid SPI
communication
6
Communication Error
Active high
Bit is set if the number of clock cycles during
CSN = low does not match with the specified
frame width or if an invalid bus condition is
detected (SDI stuck at 1 or 0).
7
Global Error Flag
Active high
Logic OR combination of all failures in the <Global
Status Byte>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com